Part Number Hot Search : 
BT120FI LTL2P SR304 UL842 TCR2DG22 7221807 L3223 VCO19
Product Description
Full Text Search
 

To Download BAS28 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Silicon Switching Diode Array
For high-speed switching q Electrically insulated diodes
q
BAS 28
Type BAS 28
Marking JTs
Ordering Code (tape and reel) Q62702-A77
Pin Configuration
Package1) SOT-143
Maximum Ratings Parameter Reverse voltage Peak reverse voltage Forward current Surge forward current, t = 1 s Total power dissipation, TS = 31 C Junction temperature Storage temperature range Thermal Resistance Junction - ambient2) Junction - soldering point Rth JA Rth JS

Symbol VR VRM IF IFS Ptot Tj Tstg
Values 75 85 200 4.5 330 150 - 65 ... + 150
Unit V mA A mW C
500 360
K/W
1) 2)
For detailed information see chapter Package Outlines. Package mounted on epoxy pcb 40 mm x 40 mm x 1.5 mm/6 cm2 Cu.
Semiconductor Group
1
5.91
BAS 28
Electrical Characteristics at TA = 25 C, unless otherwise specified. Parameter Symbol min. DC characteristics Breakdown voltage I(BR) = 100 A Forward voltage IF = 1 mA IF = 10 mA IF = 50 mA IF = 150 mA Reverse current VR = 75 V VR = 25 V, TA = 150 C VR = 75 V, TA = 150 C AC characteristics Diode capacitance VR = 0 V, f = 1 MHz Reverse recovery time IF = 10 mA, IR = 10 mA, RL = 100 measured at IR = 1 mA Test circuit for reverse recovery time CD trr - - - - 2 6 pF ns V(BR) VF - - - - IR - - - - - - 1 30 50 - - - - 715 855 1000 1250
A
Values typ. max.
Unit
85
-
-
V mV
Pulse generator: tp = 100 ns, D = 0.05 tr = 0.6 ns, Rj = 50
Oscillograph:
R = 50 tr = 0.35 ns C 1 pF
Semiconductor Group
2
BAS 28
Forward current IF = f (TA*; TS) * Package mounted on epoxy
Reverse current IR = f (TA)
Forward current IF = f (VF) TA = 25 C
Peak forward current IFM = f (t) TA = 25 C
Semiconductor Group
3
BAS 28
Forward voltage VF = f (TA)
Semiconductor Group
4


▲Up To Search▲   

 
Price & Availability of BAS28

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X